Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC21150ACSTRT Fiches technique(PDF) 17 Page - Semtech Corporation

No de pièce SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Fiches technique(HTML) 17 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 12Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 13Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 14Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 15Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 16Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 17Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 18Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 19Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SC21150
7
PCB Layout Guidelines
An optimum layout for the SC250 is shown below.
When doing the PCB layout the following guidelines
should be used:
The input capacitor must be located as close as possible to
the IC and directly connected to pins A2 (VIN) and A
(GND).
The LX trace from pin B to the inductor should be as
short as possible, and wide to reduce IR loss and improve
heat dissipation.
The output capacitor should be close to the inductor. The
feedback components (Rtop, Ctop, Rbot, for adjustable
VOUT) should be located as close as possible to the FB pin.
For the ground connection to Rbot, use a via to a ground
plane and place another via near the A (GND) pin of the
IC.
The FB trace should be short and not routed near noise
signals. Do not route the FB trace under the inductor; the
high impedance of the FB circuit can pick up noise from
the inductor’s magnetic field.
CIN
L1
COUT
VOUT
VIN
SC21150
GND
LX
FB
SC21150 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20