| Moteur de recherche de fiches techniques de composants électroniques |
|
SC729CSTRT Fiches technique(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC729CSTRT Fiches technique(HTML) 7 Page - Semtech Corporation |
|
7 / 15 page ![]() SC728/SC729 7 Typical Characteristics (SC728), Cont. 1.8V 2.5V 3.6V 1.5V 1.2V RON@200mA Temperature (°C) On Resistance vs. Temperature Quiescent Current vs. Temperature Iout=200mA RON@2A 1.8V 3.6V 1.2V Temperature (°C) On Resistance vs. Temperature Iout=2A Quiescent Current 3.6V 1.8V 1.1V Temperature (°C) Turn-on Delay Time vs. Temperature Turn-on delay time 3.6V 1.8V 1.1V Temperature (°C) Shut Down Current vs. Temperature Shutdown Current 3.6V 1.8V 1.1V Temperature (°C) EN Input Pull-Down Resistance vs. Temperature EN_R@1.8Vin Temperature (°C) Vin=1.8V |