Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC21150 Fiches technique(PDF) 11 Page - Semtech Corporation

No de pièce SC21150
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150 Fiches technique(HTML) 11 Page - Semtech Corporation

Back Button SC21150 Datasheet HTML 7Page - Semtech Corporation SC21150 Datasheet HTML 8Page - Semtech Corporation SC21150 Datasheet HTML 9Page - Semtech Corporation SC21150 Datasheet HTML 10Page - Semtech Corporation SC21150 Datasheet HTML 11Page - Semtech Corporation SC21150 Datasheet HTML 12Page - Semtech Corporation SC21150 Datasheet HTML 13Page - Semtech Corporation SC21150 Datasheet HTML 14Page - Semtech Corporation SC21150 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SC21150

Detailed Application Circuit
2.3V-5.5V Supply
SC21150
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
FPWM
Adjustable Output Voltage
FPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20