Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC728CSTRT Fiches technique(PDF) 7 Page - Semtech Corporation

No de pièce SC728CSTRT
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC728CSTRT Fiches technique(HTML) 7 Page - Semtech Corporation

Back Button SC728CSTRT Datasheet HTML 3Page - Semtech Corporation SC728CSTRT Datasheet HTML 4Page - Semtech Corporation SC728CSTRT Datasheet HTML 5Page - Semtech Corporation SC728CSTRT Datasheet HTML 6Page - Semtech Corporation SC728CSTRT Datasheet HTML 7Page - Semtech Corporation SC728CSTRT Datasheet HTML 8Page - Semtech Corporation SC728CSTRT Datasheet HTML 9Page - Semtech Corporation SC728CSTRT Datasheet HTML 10Page - Semtech Corporation SC728CSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC728/SC729
7
Typical Characteristics (SC728), Cont.
1.8V
2.5V
3.6V
1.5V
1.2V
RON@200mA
Temperature (°C)
On Resistance vs. Temperature
Quiescent Current vs. Temperature
Iout=200mA
RON@2A
1.8V
3.6V
1.2V
Temperature (°C)
On Resistance vs. Temperature
Iout=2A
Quiescent Current
3.6V
1.8V
1.1V
Temperature (°C)
Turn-on Delay Time vs. Temperature
Turn-on delay time
3.6V
1.8V
1.1V
Temperature (°C)
Shut Down Current vs. Temperature
Shutdown Current
3.6V
1.8V
1.1V
Temperature (°C)
EN Input Pull-Down Resistance vs. Temperature
EN_R@1.8Vin
Temperature (°C)
Vin=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15