| Moteur de recherche de fiches techniques de composants électroniques |
|
JH395320480ACNFMNTZCWC Fiches technique(PDF) 11 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH395320480ACNFMNTZCWC Fiches technique(HTML) 11 Page - Jewel Hill Electronic |
|
11 / 24 page ![]() JH395320480A VER: 1.0 - 10 - Issue date: 2013/08/12 JEWEL HILL ELECTRONIC CO.,LTD. 7.Pin Description Pin NO. Symbol Description 1 K Cathode pin of backlight 2 A Anode pin of backlight 3 VCI Power Supply for analog circuit(2.8V) 4 IOVCC Power Supply for digital circuit(1.8/2.8V) 5 RESET System Reset Pin 6~13 B0~B7 8-bit blue data bus in RGB interface 14 GND Power Ground 15~22 G0~G7 8-bit green data bus in RGB interface 23 GND Power Ground 24~31 R0~R7 8-bit red data bus in RGB interface 32 SCL Power Ground 33 CS Serial Clock in serial interface 34 SDI Serial data input in serial interface 35 SDO Serial data output in serial interface 36 VS Frame synchronizing signal in RGB interface 37 HS Line synchronizing signal in RGB interface 38 DEN Data ENABLE input signal in RGB interface 39 CLK Dot clock signal in RGB interface 8.Outline Dimension |