Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JH47480272ACNDWNTZCWC Fiches technique(PDF) 28 Page - Jewel Hill Electronic

No de pièce JH47480272ACNDWNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JHE [Jewel Hill Electronic]
Site Internet  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH47480272ACNDWNTZCWC Fiches technique(HTML) 28 Page - Jewel Hill Electronic

Back Button JH47480272ACNDWNTZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 23Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 24Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 25Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 26Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 27Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 28Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 29Page - Jewel Hill Electronic JH47480272ACNDWNTZCWC Datasheet HTML 30Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
JH47480272A
VER: 0.1
- 27 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
Others.
Liquid crystals solidify under low temperature (below the storage temperature range)
leading to defective orientation or the generation of air bubbles (black or white). Air
bubbles may also be generated if the module is subject to a low temperature.
If the LCD modules have been operating for a long time showing the same display
patterns, the display patterns may remain on the screen as ghost images and a slight
contrast irregularity may also appear. A normal operating status can be regained by
suspending use for some time. It should be noted that this phenomenon does not
adversely affect performance reliability.
To minimize the performance degradation of the LCD modules resulting from destruction
caused by static electricity etc., exercise care to avoid holding the following sections when
handling the modules.
- Exposed area of the printed circuit board.
-Terminal electrode sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30