Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EX78420-R0B-T Fiches technique(PDF) 5 Page - Axiomtek Co., Ltd.

No de pièce EX78420-R0B-T
Description  Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX78420-R0B-T Fiches technique(HTML) 5 Page - Axiomtek Co., Ltd.

  EX78420-R0B-T Datasheet HTML 1Page - Axiomtek Co., Ltd. EX78420-R0B-T Datasheet HTML 2Page - Axiomtek Co., Ltd. EX78420-R0B-T Datasheet HTML 3Page - Axiomtek Co., Ltd. EX78420-R0B-T Datasheet HTML 4Page - Axiomtek Co., Ltd. EX78420-R0B-T Datasheet HTML 5Page - Axiomtek Co., Ltd. EX78420-R0B-T Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EX78000 Series
www.EtherWAN.com
5
rev. A3
Ordering Information
Model
EX78400-00B-P
4-port 10/100BASE-TX PoE Hardened Managed Ethernet Switch
EX78401-0YB-P
4-port 10/100BASE-TX PoE + 1-port Gigabit Hardened Managed Ethernet Switch
EX78402-0YB-P
4-port 10/100BASE-TX PoE + 2-port Gigabit Hardened Managed Ethernet Switch
EX78420-X0B-P
4-port 10/100BASE-TX PoE + 2-port 100BASE-FX Hardened Managed Ethernet Switch
EX78440-X0B-P
4-port 10/100BASE-TX PoE + 4-port 100BASE-FX Hardened Managed Ethernet Switch
EX78441-XYB-P
4-port 10/100BASE-TX PoE + 4-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX78442-XYB-P
4-port 10/100BASE-TX PoE + 4-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
EX78800-00B-P
8-port 10/100BASE-TX PoE Hardened Managed Ethernet Switch
EX78801-0YB-P
8-port 10/100BASE-TX PoE + 1-port Gigabit Hardened Managed Ethernet Switch
EX78802-0YB-P
8-port 10/100BASE-TX PoE + 2-port Gigabit Hardened Managed Ethernet Switch
EX78820-X0B-P
8-port 10/100BASE-TX PoE + 2-port 100BASE-FX Hardened Managed Ethernet Switch
EX78821-XYB-P
8-port 10/100BASE-TX PoE + 2-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX78822-XYB-P
8-port 10/100BASE-TX PoE + 2-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
* Rack mounting kit included
100FXFiberOptions(X)
1
Multi Mode (SC) - 2Km
2
Multi Mode (ST) - 2Km
6
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 2Km
7
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 2Km
8
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 5Km
9
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 5Km
A
Single Mode (SC) - 20Km
B
Single Mode (SC) - 40Km
F
Single Mode (FC) - 20Km
H
Single Mode (ST) - 20Km
P
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 20Km
Q
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 20Km
R
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 40Km
V
100BASE SFP (DDM)
*More 100FX Fiber options also available upon request.
GigabitPortOptions(Y)
1
10/100/1000BASE-TX
3
1000BASE-SX(SC) - 550m
4
1000BASE-SX (SC) - 2Km
5
1000BASE-SX (ST) - 550m
A
1000BASE-LX (SC) - 10Km
B
1000BASE-LX (SC) - 20Km
R
1000BASE-BX (SC) WDM-TX:1310nm/RX:1550nm - 20Km
S
1000BASE-BX (SC) WDM-TX:1550nm/RX:1310nm - 20Km
V
1000BASE SFP (DDM)
* More Gigabit options also available upon request.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com