Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JH32240400ACNUNNFZCWC Fiches technique(PDF) 21 Page - Jewel Hill Electronic

No de pièce JH32240400ACNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JHE [Jewel Hill Electronic]
Site Internet  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400ACNUNNFZCWC Fiches technique(HTML) 21 Page - Jewel Hill Electronic

Back Button JH32240400ACNUNNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 19Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 20Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 21Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH32240400ACNUNNFZCWC Datasheet HTML 23Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
JH32240400A
VER: 0.1
- 20 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
Others.
Liquid crystals solidify under low temperature (below the storage temperature range) leading
to defective orientation or the generation of air bubbles (black or white). Air bubbles may also
be generated if the module is subject to a low temperature.
If the LCD modules have been operating for a long time showing the same display patterns,
the display patterns may remain on the screen as ghost images and a slight contrast
irregularity may also appear. A normal operating status can be regained by suspending use
for some time. It should be noted that this phenomenon does not adversely affect
performance reliability.
To minimize the performance degradation of the LCD modules resulting from destruction
caused by static electricity etc., exercise care to avoid holding the following sections when
handling the modules.
- Exposed area of the printed circuit board.
-Terminal electrode sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23