Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JH30240400BCNUWNTZCWC Fiches technique(PDF) 10 Page - Jewel Hill Electronic

No de pièce JH30240400BCNUWNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JHE [Jewel Hill Electronic]
Site Internet  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400BCNUWNTZCWC Fiches technique(HTML) 10 Page - Jewel Hill Electronic

Back Button JH30240400BCNUWNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH30240400BCNUWNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
JH30240400B
VER: 0.1
- 9 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
4.3 Interface Signals
Pin NO.
Symbol
Description
1
LCM-ID
TBD
2
XL
Touch Panel connection(NC)
3
YU
Touch Panel connection(NC)
4
XR
Touch Panel connection(NC)
5
YD
Touch Panel connection(NC)
6
GND
Ground
7
IOVCC
A Power Supply For The Internal Logic(1.65-3.3V)
8
VCC
A Power Supply For The Internal Logic:Vcc=2.8V
9
FMARK
Frame Head Pulse Signal
10
CS
LCD Chip Select Input Pin
11
RS
Reg Selection For Command/Data
12
WR
Write Execution Control Pin
13
RD
Read Execution Control Pin
14-29
DB0-DB15
Data Bus
30
RESET
Reset Pin
31
NC
No Connect
32
A
Backlight Anode
33
K1
Backlight Cathode1
34
K2
Backlight Cathode2
35
K3
Backlight Cathode3
36
K4
Backlight Cathode4
37
K5
Backlight Cathode5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26