Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JH30240400ACNUNNFZCWC Fiches technique(PDF) 7 Page - Jewel Hill Electronic

No de pièce JH30240400ACNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JHE [Jewel Hill Electronic]
Site Internet  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400ACNUNNFZCWC Fiches technique(HTML) 7 Page - Jewel Hill Electronic

Back Button JH30240400ACNUNNFZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH30240400ACNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
JH30240400A
VER: 0.1
- 6 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
Note:
The recommended operating conditions refer to a range in which operation of this
product is guaranteed. Should this range is exceeded, the operation cannot be
guaranteed even if the values may be without the absolute maximum ratings.
Accordingly, please make sure that the module is used within this range. And these
current values are measured under the condition that all devices are stopped, each
component is stable and logic signal is input.
5.OPTICAL SPECIFICATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23