| Moteur de recherche de fiches techniques de composants électroniques |
|
JH30240400ACNUWNTZCWC Fiches technique(PDF) 7 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH30240400ACNUWNTZCWC Fiches technique(HTML) 7 Page - Jewel Hill Electronic |
|
7 / 23 page ![]() JH30240400A VER: 0.1 - 6 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. Note: The recommended operating conditions refer to a range in which operation of this product is guaranteed. Should this range is exceeded, the operation cannot be guaranteed even if the values may be without the absolute maximum ratings. Accordingly, please make sure that the module is used within this range. And these current values are measured under the condition that all devices are stopped, each component is stable and logic signal is input. 5.OPTICAL SPECIFICATION. |