| Moteur de recherche de fiches techniques de composants électroniques |
|
SLE66C644PC Fiches technique(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SLE66C644PC Fiches technique(HTML) 4 Page - Infineon Technologies AG |
|
4 / 7 page ![]() SLE 66C644P Short Product Information 4 / 8 11.02 Testmode • Irreversible Lock - Out of testmode Anti Snooping • HW-countermeasures against SPA/DPA-, Timing- and DFA-attacks (differential fault analysis – DFA) • CRC – Module • Non standard dedicated Smart Card CPU – Core • Active Shield with automatic and user controlled attack detection Support • HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) • Application notes Supported Standards • ISO/IEC 7816 • EMV 2000 • GSM 11.11, 11.12, 11.18 • ETS I TS 102 221 Memory Security • 16 bytes security PROM, hardware protected • Unique chip identification number for each chip • MED - memory encryption/decryption device for XRAM, ROM and EEPROM • True Random Number Generator with Firmware test function • Security optimised layout and layout scrambling Document References • Confidential Data Book SLE66CxxxP • Qualification report • Chip delivery specification for wafer with chip-layout (die size, orientation, ...) • Module specification containing description of package, etc. • Qualification report module Development Tools Overview • Short Product Info Software Development Kit SDK CC • Short Product Info Card Emulator CE66P • Short Product Info ROM Monitor RM66P • Short Product Info Emulator ET66P Hitex or ET66P KSC • Short Product Info Smart Mask Package |