| Moteur de recherche de fiches techniques de composants électroniques |
|
JH24240320ACNUMNFZCWC Fiches technique(PDF) 3 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH24240320ACNUMNFZCWC Fiches technique(HTML) 3 Page - Jewel Hill Electronic |
|
3 / 25 page ![]() JH24240320A VER: 0.1 - 2 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. LCM Number System SPECIAL CODE: P: PIN;C:CONNECT;O: OTHER;........ SERIAL NUMBERA--Z. IC CONTROLLER: C:WITH CONTROLLER; N:WITHOUT CONTROLLER; O:OTHER; W:WHITE; BACKLIGHT COLOR: T: TFT JH 24 240320 A T Y D M N T F L W N -V00- SC VERSION NUMBER: V00~V99 BACKLIGHT MODE: POLARIZER TYPE: SERIAL NUMBER:C: CSTN GRAPHIC MODULEs:NUMBER OF COMMONS AND SEGMENTs LCM SIZE;18:1.8";20:2.0"; 22:2.2"....... CONNECTOR: CHARACTER MODULEs: T:TRANSMISSIVE; F:TRANSFLECTIVE: O: OTHER TEMPERATURE RANGE: N: NORMAL TEMPERATURE; M:MIDDLE TEMPERATURE; W: WIDE TEMPERATURE; O:SUPER WIDE TEMPERATURE H:HEATSEAL; Z:ZEBRA; F:FPC O:OTHER; L:LED; E:EL; C:CCFL; L: LEFT(9:00); R:RIGHT(3:00);F:FULL VIEW U: UPPER(12:00); D:DOWN(6:00); VIEWING DIRECTION: N: WITHOUT TOUCH PANEL; Y:WITH TOHCH PANEL WITH TP: JEWEL HILL ELECTRONIC CO.,LTD. N: NEGATIVE; O:OTHER; LCD DISPLAY MODE: |