Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JH20176220ACNUWNFZCWC Fiches technique(PDF) 4 Page - Jewel Hill Electronic

No de pièce JH20176220ACNUWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JHE [Jewel Hill Electronic]
Site Internet  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH20176220ACNUWNFZCWC Fiches technique(HTML) 4 Page - Jewel Hill Electronic

  JH20176220ACNUWNFZCWC Datasheet HTML 1Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 2Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH20176220ACNUWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
JH20176220A
VER: 1.01
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL INFORMATION.
Item
Contents
Unit
LCD type
TFT
TRANSMISSIVE
/
Viewing direction
12:00 O”Clock
Module area (WxH)
38.38(W) x 51.14(H)
mm
Active area(WxH)
31.68(W)×39.6(H)
mm
Number of Dots
176x(RGB)x220
dots
Dots size(WxH)
0.06x0.18
mm
Dot pitch(WxH)
0.18X0.18
mm
Driver IC
OTM2201A
/
Backligth Type
LED
Interface Type
Parallel
Input volygae
2.8
V
Module Power consumption
207
mW
2. EXTERNAL DIMENSIONS.
A3
A2
A1
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22