Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6663CC Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 42Page - STMicroelectronics VS6663CC Datasheet HTML 43Page - STMicroelectronics VS6663CC Datasheet HTML 44Page - STMicroelectronics VS6663CC Datasheet HTML 45Page - STMicroelectronics VS6663CC Datasheet HTML 46Page - STMicroelectronics VS6663CC Datasheet HTML 47Page - STMicroelectronics VS6663CC Datasheet HTML 48Page - STMicroelectronics VS6663CC Datasheet HTML 49Page - STMicroelectronics VS6663CC Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Video timing
VS6663CC
46/63
Doc ID028526 Rev 1
increment CCI sequence, it is not possible for the sensor to consume only part of the new
exposure and gain data.
However if it is not possible for the host to use auto-increment CCI register accesses and
only discrete register accesses are possible then the VS6663CC has a mechanism to
temporarily suspend the automatic application of updated exposure register values.
A group of parameter changes is marked by the host using a dedicated Boolean control
parameter, grouped_parameter_hold (register 0x0104). Any changes made to ‘retimed’
parameters while the grouped_parameter_hold signal is in the ‘hold’ state will be considered
part of the same group. Only when the grouped_parameter_hold control signal is moved
back to the default ‘no-hold’ state will the group of changes be executed by VS6663CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63