| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH7100AS Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7100AS Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 38 page ![]() Package and packing information VNH7100AS 36/38 DocID028092 Rev 4 Figure 31. SO-16N schematic drawing of leader and trailer tape 5.3 SO-16N marking information Figure 32. SO-16N marking information Note: Engineering Samples: these samples can be clearly identified by a dedicated special symbol in the marking of each unit. These samples are intended to be used for electrical compatibility evaluation only; usage for any other purpose may be agreed only upon written authorization by ST. ST is not liable for any customer usage in production and/or in reliability qualification trials. Commercial Samples: fully qualified parts from ST standard production with no usage restrictions. P1 8.00 ± 0.1 W 16.00 ± 0.3 Table 19. SO-16N carrier tape dimensions (continued) Description Value |