Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN7016AJ Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce VN7016AJ
Description  High-side driver with MultiSense analog feedback
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7016AJ Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button VN7016AJ Datasheet HTML 35Page - STMicroelectronics VN7016AJ Datasheet HTML 36Page - STMicroelectronics VN7016AJ Datasheet HTML 37Page - STMicroelectronics VN7016AJ Datasheet HTML 38Page - STMicroelectronics VN7016AJ Datasheet HTML 39Page - STMicroelectronics VN7016AJ Datasheet HTML 40Page - STMicroelectronics VN7016AJ Datasheet HTML 41Page - STMicroelectronics VN7016AJ Datasheet HTML 42Page - STMicroelectronics VN7016AJ Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
VN7016AJ
Package information
Symbol
Millimeters
Min.
Typ.
Max.
b
0.20
0.30
b1
0.20
0.25
0.28
c
0.19
0.25
c1
0.19
0.20
0.23
D
4.9 BSC
D1
3.60
4.20
e
0.50 BSC
E
6.00 BSC
E1
3.90 BSC
E2
1.90
2.50
h
0.25
0.50
L
0.40
0.60
0.85
L1
1.00 REF
N
16
R
0.07
R1
0.07
S
0.20
Tolerance of form and position
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.08
eee
0.10
fff
0.10
ggg
0.15
DocID027399 Rev 1
39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45