Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6180X Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 37Page - STMicroelectronics VL6180X Datasheet HTML 38Page - STMicroelectronics VL6180X Datasheet HTML 39Page - STMicroelectronics VL6180X Datasheet HTML 40Page - STMicroelectronics VL6180X Datasheet HTML 41Page - STMicroelectronics VL6180X Datasheet HTML 42Page - STMicroelectronics VL6180X Datasheet HTML 43Page - STMicroelectronics VL6180X Datasheet HTML 44Page - STMicroelectronics VL6180X Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
DocID026171 Rev 6
41/79
VL6180X
Device registers
78
Table 25. Register summary
Offset
Register name
Reference
0x000
IDENTIFICATION__MODEL_ID
Section 6.2.1 on page 43
0x001
IDENTIFICATION__MODEL_REV_MAJOR
Section 6.2.2 on page 43
0x002
IDENTIFICATION__MODEL_REV_MINOR
Section 6.2.3 on page 43
0x003
IDENTIFICATION__MODULE_REV_MAJOR
Section 6.2.4 on page 44
0x004
IDENTIFICATION__MODULE_REV_MINOR
Section 6.2.5 on page 44
0x006
IDENTIFICATION__DATE_HI
Section 6.2.6 on page 44
0x007
IDENTIFICATION__DATE_LO
Section 6.2.7 on page 45
0x008:0x009 IDENTIFICATION__TIME
Section 6.2.8 on page 45
0x010
SYSTEM__MODE_GPIO0
Section 6.2.9 on page 46
0x011
SYSTEM__MODE_GPIO1
Section 6.2.10 on page 47
0x012
SYSTEM__HISTORY_CTRL
Section 6.2.11 on page 48
0x014
SYSTEM__INTERRUPT_CONFIG_GPIO
Section 6.2.12 on page 49
0x015
SYSTEM__INTERRUPT_CLEAR
Section 6.2.13 on page 49
0x016
SYSTEM__FRESH_OUT_OF_RESET
Section 6.2.14 on page 50
0x017
SYSTEM__GROUPED_PARAMETER_HOLD
Section 6.2.15 on page 50
0x018
SYSRANGE__START
Section 6.2.16 on page 51
0x019
SYSRANGE__THRESH_HIGH
Section 6.2.17 on page 51
0x01A
SYSRANGE__THRESH_LOW
Section 6.2.18 on page 52
0x01B
SYSRANGE__INTERMEASUREMENT_PERIOD
Section 6.2.19 on page 52
0x01C
SYSRANGE__MAX_CONVERGENCE_TIME
Section 6.2.20 on page 52
0x01E
SYSRANGE__CROSSTALK_COMPENSATION_RATE
Section 6.2.21 on page 53
0x021
SYSRANGE__CROSSTALK_VALID_HEIGHT
Section 6.2.22 on page 53
0x022
SYSRANGE__EARLY_CONVERGENCE_ESTIMATE
Section 6.2.23 on page 53
0x024
SYSRANGE__PART_TO_PART_RANGE_OFFSET
Section 6.2.24 on page 54
0x025
SYSRANGE__RANGE_IGNORE_VALID_HEIGHT
Section 6.2.25 on page 54
0x026
SYSRANGE__RANGE_IGNORE_THRESHOLD
Section 6.2.26 on page 54
0x02C
SYSRANGE__MAX_AMBIENT_LEVEL_MULT
Section 6.2.27 on page 55
0x02D
SYSRANGE__RANGE_CHECK_ENABLES
Section 6.2.27 on page 55
0x02E
SYSRANGE__VHV_RECALIBRATE
Section 6.2.29 on page 56
0x031
SYSRANGE__VHV_REPEAT_RATE
Section 6.2.30 on page 56
0x038
SYSALS__START
Section 6.2.31 on page 57
0x03A
SYSALS__THRESH_HIGH
Section 6.2.32 on page 57
0x03C
SYSALS__THRESH_LOW
Section 6.2.33 on page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79