Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD5377CB Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 21Page - STMicroelectronics VD5377CB Datasheet HTML 22Page - STMicroelectronics VD5377CB Datasheet HTML 23Page - STMicroelectronics VD5377CB Datasheet HTML 24Page - STMicroelectronics VD5377CB Datasheet HTML 25Page - STMicroelectronics VD5377CB Datasheet HTML 26Page - STMicroelectronics VD5377CB Datasheet HTML 27Page - STMicroelectronics VD5377CB Datasheet HTML 28Page - STMicroelectronics VD5377CB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Doc ID 022952 Rev 2
25/88
VD5377
I/O description
5.2
LED_OUT (tracking LED) and GPIO0
LED_OUT is controlled by a 3-bit current DAC (0x3 ANALOG_CTRL2 bits [6:4]) capable of
driving up to 14 mA (current sink). Where higher power output is required, an external LED
driver can be used controlled by GPIO0 (0x3 ANALOG_CTRL2 bit7 and 0xd GPIO_GPIO0
bit 4). Figure 11 shows the two LED drive options. LED pulse timing is controlled
automatically (see Figure 12). GPIO0 can also be used as a general purpose I/O and is
configured using register 0xd GPIO_GPIO0 bit 4. A typical configuration of a GPIO is shown
in Figure 13 on page 27.
Figure 11. LED drive options
Figure 12. LED control
LED_OUT
LED driven by internal DAC
VTOP
VD5377
GPIO0
LED with external driver
VTOP
VD5377
LED
LED
Short
Exposure
Long
Exposure
1 Frame = 1ms (1kHz) / 500µs (2kHz) / 250µs (4kHz)
86 µs (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88