Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSX339IDT Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TSX339IDT
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339IDT Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TSX339IDT Datasheet HTML 14Page - STMicroelectronics TSX339IDT Datasheet HTML 15Page - STMicroelectronics TSX339IDT Datasheet HTML 16Page - STMicroelectronics TSX339IDT Datasheet HTML 17Page - STMicroelectronics TSX339IDT Datasheet HTML 18Page - STMicroelectronics TSX339IDT Datasheet HTML 19Page - STMicroelectronics TSX339IDT Datasheet HTML 20Page - STMicroelectronics TSX339IDT Datasheet HTML 21Page - STMicroelectronics TSX339IDT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
TSX339
Package information
DocID028644 Rev 1
19/22
Table 8: QFN16 3x3 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0
0.05
0
0.002
A3
0.20
0.008
b
0.18
0.30
0.007
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
D2
1.50
1.80
0.059
0.071
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.80
0.059
0.071
e
0.50
0.020
L
0.30
0.50
0.012
0.020
Figure 22: QFN16 3x3 recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22