Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSX339 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TSX339
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TSX339 Datasheet HTML 10Page - STMicroelectronics TSX339 Datasheet HTML 11Page - STMicroelectronics TSX339 Datasheet HTML 12Page - STMicroelectronics TSX339 Datasheet HTML 13Page - STMicroelectronics TSX339 Datasheet HTML 14Page - STMicroelectronics TSX339 Datasheet HTML 15Page - STMicroelectronics TSX339 Datasheet HTML 16Page - STMicroelectronics TSX339 Datasheet HTML 17Page - STMicroelectronics TSX339 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application information
TSX339
14/22
DocID028644 Rev 1
6.2
For unused channel
An unused comparator has to be configured to avoid unexpected additional consumption. A
simple solution is to connect the input to the power supply pins as shown in Figure 18. This
keeps the circuit in a stable state.
Figure 18: Input configuration for unused channel
6.3
Bypass capacitor
To maintain proper coupling of the power supply, it is strongly recommended to place a
0.1 μF capacitor as close as possible to the supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22