Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7851FH-QIX Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7851FH-QIX
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851FH-QIX Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7851FH-QIX Datasheet HTML 9Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 10Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 11Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 12Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 13Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 14Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 15Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 16Page - STMicroelectronics TDA7851FH-QIX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID17714 Rev 4
13/18
TDA7851F
Package information
17
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
Flexiwatt 25 (vertical) package information
Figure 19. Flexiwatt 25 (vertical) package outline
Table 5. Flexiwatt 25 (vertical) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
1.80
1.90
2.00
0.0709
0.0748
0.0787
C
-
1.40
-
-
0.0551
-
D
0.75
0.90
1.05
0.0295
0.0354
0.0413
E
0.37
0.39
0.42
0.0146
0.0154
0.0165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18