Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STWBC
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STWBC Datasheet HTML 2Page - STMicroelectronics STWBC Datasheet HTML 3Page - STMicroelectronics STWBC Datasheet HTML 4Page - STMicroelectronics STWBC Datasheet HTML 5Page - STMicroelectronics STWBC Datasheet HTML 6Page - STMicroelectronics STWBC Datasheet HTML 7Page - STMicroelectronics STWBC Datasheet HTML 8Page - STMicroelectronics STWBC Datasheet HTML 9Page - STMicroelectronics STWBC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Description
STWBC
6/36
DocID027322 Rev 3
1
Description
The STWBC is the digital controller for wireless battery charger (WBC) transmitters (TX)
from STMicroelectronics, offering the most flexible and efficient solution for controlling
power transfer to a receiver (RX) in WBC-enabled applications such as phones, wearables,
and other battery powered devices that use electromagnetic induction for recharging.
As a member of the Qi Wireless Power Consortium and the PMA (Power Matters Alliance),
ST ensures full compatibility with these leading wireless charging protocols and holds
certification for the Qi 1.1.2 A11 standard.
The STWBC performs all the functions for transmitter control: thanks to the internal 96 MHz
clock and supporting both half-bridge and full bridge topologies, it is able to precisely control
the amount of transmitted power to match the requirements of the receiving unit in terms of
maximizing the efficiency of the power transfer.
The STWBC comes with firmware options to offer customers the ability to personalize their
end product without the need of external microcontrollers:
A turnkey Qi 1.1.2 A11 certified solution, fully interoperable with Qi enabled mobile
phones.
API (application programming interface) access to customize the underlying firmware,
for example modifying the behavior of the LEDs or GPIOs in response to the receiver
behavior and supporting I²C and UART communication within a network.
The STWBC Qi 1.1.2 A11 certified solution is available in the STMicroelectronics STEVAL-
ISB027V1 reference design, intended for all Qi compatible receivers such as in Qi enabled
mobile phones.
In the reference design the STWBC integrates the foreign object detection (FOD): the digital
feedback between TX and RX units allows the detection of metal objects close to the
receiver that could result in potential hazards, enabling the STWBC to stop power
transmission when such objects are detected.
The reference design is offered together with a complete ecosystem to support customers in
building their applications, including the Qi 1.1.2 A11 certified board (STEVAL-ISB027V1),
API libraries and documentation to develop software customizations, as well as
a comprehensive graphical user interface to monitor real-time performance and diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36