| Moteur de recherche de fiches techniques de composants électroniques |
|
STPTIC-39F2H5 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPTIC-39F2H5 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Electrical characteristics STPTIC-27L2 2/10 DocID028611 Rev 1 1 Electrical characteristics Table 1. Absolute maximum ratings (limiting values) Symbol Parameter Rating Unit PIN Input peak power RFIN (CW mode)/all RF ports +40 dBm VESD(HBM) Human body model, JESD22-A114-B, all I/O Class 1B(1) 1. Class 1B defined as passing 500 V, but fails after exposure to 1000V ESD pulse. V VESD(MM) Machine model, JESD22-A115-A, all I/O 100 V Tdevice Device temperature +125 °C Tstg Storage temperature -55 to +150 Vx Bias voltage 25 V Table 2. Recommended operating conditions Symbol Parameter Rating Unit Min. Typ. Max. PIN RF input power +33 +39 dBm FOP Operating frequency 700 2700 MHz Tdevice Device temperature +100 °C TOP Operating temperature -30 +85 VBIAS Bias voltage 1 24 V |