Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPTIC-27L2C5 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STPTIC-27L2C5
Description  Parascan tunable integrated capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-27L2C5 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STPTIC-27L2C5 Datasheet HTML 2Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 3Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 4Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 5Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 6Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 7Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 8Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 9Page - STMicroelectronics STPTIC-27L2C5 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID028611 Rev 1
7/10
STPTIC-27L2
Package information
10
Figure 10. Flip-Chip marking
Table 7. Pinout description
Pad / ball number
Pin name
Description
A1
DC bias
DC bias voltage
B1
RF2
RF input / output(1)
1.
When connected in shunt, please connect RF2 (B1 ball) to GND
A2
NC
Not connected
B2
RF1
RF input / output



Html Pages

1 2 3 4 5 6 7 8 9 10