Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW70N60M2 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STW70N60M2
Description  Excellent output capacitance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N60M2 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STW70N60M2 Datasheet HTML 2Page - STMicroelectronics STW70N60M2 Datasheet HTML 3Page - STMicroelectronics STW70N60M2 Datasheet HTML 4Page - STMicroelectronics STW70N60M2 Datasheet HTML 5Page - STMicroelectronics STW70N60M2 Datasheet HTML 6Page - STMicroelectronics STW70N60M2 Datasheet HTML 7Page - STMicroelectronics STW70N60M2 Datasheet HTML 8Page - STMicroelectronics STW70N60M2 Datasheet HTML 9Page - STMicroelectronics STW70N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STW70N60M2
6/13
DocID024327 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100µs
10ms
1ms
0.1
Tj=150°C
Tc=25°C
Single pulse
10µs
100
100
AM17966v1
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth=k Rthj-c
d=tp/t
tp
t
AM09125v1
ID
150
90
30
0
0
4
VDS(V)
8
(A)
12
3V
VGS=7, 8, 9, 10V
60
120
4V
6V
5V
16
AM17967v1
ID
120
60
0
0
4
VGS(V)
8
(A)
2
6
30
90
150
VDS=17V
AM17968v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
120
8
60
80
10
VDD=480V
ID=68A
300
200
100
0
400
500
VDS
20
100
VDS
(V)
AM17969v1
RDS(on)
0.03
0.0295
0.029
0
20
ID(A)
(
Ω)
10
30
0.0305
VGS=10V
40
50
0.031
0.0315
60
AM17970v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13