| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479IG Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479IG Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 208 page ![]() DocID028010 Rev 2 63/208 STM32F479xx Pinouts and pin description 79 - B5 C9 136 158 E10 VDD S - - - - A10 D4 A14 137 159 A14 PA14(JTCK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - B11 A2 A13 138 160 A13 PA15(JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS, SPI3_NSS/I2S3_WS, EVENTOUT - C10 D5 B14 139 161 B14 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDIO_D2, DCMI_D8, LCD_R2, EVENTOUT - B9 B3 B13 140 162 B13 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDIO_D3, DCMI_D4, EVENTOUT - A9 C4 A12 141 163 A12 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDIO_CK, DCMI_D9, EVENTOUT - C9 E6 B12 142 164 B12 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - C7 A3 C12 143 165 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - B8 C5 D12 144 166 D12 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - C8 D6 D11 145 167 C11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - C6 B4 D10 146 168 D11 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - B7 C6 C11 147 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - F8 A4 D8 148 170 F8 VSS S - - - - F7 - C8 149 171 E9 VDD S - - - - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |