| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479AG Fiches technique(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AG Fiches technique(HTML) 87 Page - STMicroelectronics |
|
87 / 208 page ![]() DocID028010 Rev 2 87/208 STM32F479xx Electrical characteristics 187 5.1.7 Current consumption measurement Figure 23. Current consumption measurement scheme 5.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 14, Table 15, and Table 16 may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 14. Voltage characteristics Symbol Ratings Min Max Unit VDD–VSS External main supply voltage (including VDDA, VDD, VDDUSB, VDDDSI and VBAT)(1) 1. All main power (VDD, VDDA, VDDUSB, VDDDSI) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. − 0.3 4.0 V VIN Input voltage on FT pins(2) 2. VIN maximum value must always be respected. Refer to Table 15 for the values of the maximum allowed injected current. VSS − 0.3 VDD+4.0 Input voltage on TTa pins VSS − 0.3 4.0 Input voltage on any other pin VSS − 0.3 4.0 Input voltage on BOOT pin VSS 9.0 | ΔVDDx| Variations between different VDD power pins - 50 mV |VSSX −VSS| Variations between all the different ground pins - 50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 5.3.18 |