| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F446ME Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446ME Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 201 page ![]() DocID027107 Rev 5 57/201 STM32F446xC/E Pinout and pin description 66 56 90 B5 A6 134 PB4(NJTRST) I/O FT - NJTRST, TIM3_CH1, I2C3_SDA, SPI1_MISO, SPI3_MISO, SPI2_NSS/I2S2_WS, EVENTOUT - 57 91 A6 B6 135 PB5 I/O FT - TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, CAN2_RX, OTG_HS_ULPI_D7, FMC_SDCKE1, DCMI_D10, EVENTOUT - 58 92 C5 C6 136 PB6 I/O FT - TIM4_CH1, HDMI_CEC, I2C1_SCL, USART1_TX, CAN2_TX, QUADSPI_BK1_NCS, FMC_SDNE1, DCMI_D5, EVENTOUT - 59 93 B6 D6 137 PB7 I/O FT - TIM4_CH2, I2C1_SDA, USART1_RX, SPDIFRX_IN0, FMC_NL, DCMI_VSYNC, EVENTOUT - 60 94 A7 D5 138 BOOT0 I B - - VPP 61 95 C6 C5 139 PB8 I/O FT - TIM2_CH1/TIM2_ETR, TIM4_CH3, TIM10_CH1, I2C1_SCL, CAN1_RX, SDIO_D4, DCMI_D6, EVENTOUT - 62 96 C7 B5 140 PB9 I/O FT - TIM2_CH2, TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, SAI1_FS_B, CAN1_TX, SDIO_D5, DCMI_D7, EVENTOUT - - 97 - A5 141 PE0 I/O FT - TIM4_ETR, SAI2_MCLK_A, FMC_NBL0, DCMI_D2, EVENTOUT - - 98 - A4 142 PE1 I/O FT - FMC_NBL1, DCMI_D3, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |