Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT4526 Fiches technique(PDF) 8 Page - Active-Semi, Inc

No de pièce ACT4526
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4526 Fiches technique(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4526 Datasheet HTML 4Page - Active-Semi, Inc ACT4526 Datasheet HTML 5Page - Active-Semi, Inc ACT4526 Datasheet HTML 6Page - Active-Semi, Inc ACT4526 Datasheet HTML 7Page - Active-Semi, Inc ACT4526 Datasheet HTML 8Page - Active-Semi, Inc ACT4526 Datasheet HTML 9Page - Active-Semi, Inc ACT4526 Datasheet HTML 10Page - Active-Semi, Inc ACT4526 Datasheet HTML 11Page - Active-Semi, Inc ACT4526 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ACT4526
Rev1.2, December 28th, 2015
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
APPLICATIONS INFORMATION
PC Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce the
AC loop size consisting of CIN, VIN pin, SW pin
and the Schottky diode.
2) Place input decoupling ceramic capacitor CIN as
close to VIN pin as possible. CIN is connected
power GND with vias or short and wide path.
3) Use “Kelvin” or “4-wire” connection techniques
from the sense resistor pads directly to the CSP
and CSN pins.
4) Use copper plane and thermal vias for GND for
best heat dissipation and noise immunity.
5) Use short trace connecting HSB-CHSB-SW loop.
6) SW pad is noise node switching from VIN to
GND. It should be isolated away from the rest
of circuit for good EMI and low noise operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13