Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL33N60M2 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STL33N60M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M2 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STL33N60M2 Datasheet HTML 7Page - STMicroelectronics STL33N60M2 Datasheet HTML 8Page - STMicroelectronics STL33N60M2 Datasheet HTML 9Page - STMicroelectronics STL33N60M2 Datasheet HTML 10Page - STMicroelectronics STL33N60M2 Datasheet HTML 11Page - STMicroelectronics STL33N60M2 Datasheet HTML 12Page - STMicroelectronics STL33N60M2 Datasheet HTML 13Page - STMicroelectronics STL33N60M2 Datasheet HTML 14Page - STMicroelectronics STL33N60M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STL33N60M2
Package mechanical data
DocID024325 Rev 3
11/15
Table 8: PowerFLAT™ 8x8 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.75
0.85
0.95
A1
0.00
0.05
A3
0.10
0.20
0.30
b
0.90
1.00
1.10
D
7.90
8.00
8.10
E
7.90
8.00
8.10
D2
7.10
7.20
7.30
E1
2.65
2.75
2.85
E2
4.25
4.35
4.45
e
2.00
L
0.40
0.50
0.60
Figure 21
: PowerFLAT™ 8x8 HV footprint
All dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15