| Moteur de recherche de fiches techniques de composants électroniques |
|
MP2 Fiches technique(PDF) 1 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
MP2 Fiches technique(HTML) 1 Page - Infineon Technologies AG |
|
1 / 2 page ![]() Never stop think i ng. The multimedia platform MP2 is following Infineon’s successful strategy providing complete system solutions for high featured phones supporting all cellular standards from GSM/GPRS, EDGE and UMTS with one unified platform. The MP2 offering includes several platform options which can be selected by customers to tailor the MP2 to their special needs and to provide highest flexibility as well as a long platform lifetime which guarantees return on invest. Infineon’s multimedia platform offering is the most complete offering in the market. Included are all components needed to build a mobile phone: baseband, RF transceiver, power management unit, Bluetooth and A-GPS chips which are complemented by a HW reference design, an industry leading protocol stack, the APOXI TM application framework and a fully customizable reference man-machine-interface (MMI). The development environment offered with MP2 includes development boards, a comprehensive tool chain for development support and production and an SDK for the application framework. www .infineon. c o m/mob i le so lution s MP2 Mo b i l e So lution s Product Brief Customers will also benefit from Infineon’s extensive experience with chipsets and complete customized solutions in the mobile market. |
Numéro de pièce similaire - MP2 |
|
Description similaire - MP2 |