Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F193PC Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74F193PC
Description  Up/Down Binary Counter with Separate Up/Down Clocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F193PC Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button 74F193PC Datasheet HTML 2Page - National Semiconductor (TI) 74F193PC Datasheet HTML 3Page - National Semiconductor (TI) 74F193PC Datasheet HTML 4Page - National Semiconductor (TI) 74F193PC Datasheet HTML 5Page - National Semiconductor (TI) 74F193PC Datasheet HTML 6Page - National Semiconductor (TI) 74F193PC Datasheet HTML 7Page - National Semiconductor (TI) 74F193PC Datasheet HTML 8Page - National Semiconductor (TI) 74F193PC Datasheet HTML 9Page - National Semiconductor (TI) 74F193PC Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
193
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e
Plastic DIP
CeCommercial (0 Cto a70 C)
D e
Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e
Flatpak
L e
Leadless Chip Carrier (LCC)
S e
Small Outline SOIC JEDEC
SJ e
Small Outline SOIC EIAJ
6



Html Pages

1 2 3 4 5 6 7 8 9 10