| Moteur de recherche de fiches techniques de composants électroniques |
|
54F181DM Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54F181DM Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 10 page ![]() Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Storage Temperature b 65 Cto a150 C Ambient Temperature under Bias b 55 Cto a125 C Junction Temperature under Bias b 55 Cto a175 C Plastic b 55 Cto a150 C VCC Pin Potential to Ground Pin b 05V to a70V Input Voltage (Note 2) b 05V to a70V Input Current (Note 2) b 30 mA to a50 mA Voltage Applied to Output in HIGH State (with VCC e 0V) Standard Output b 05V to VCC TRI-STATE Output b 05V to a55V Current Applied to Output in LOW State (Max) twice the rated IOL (mA) ESD Last Passing Voltage (Min) 4000V Note 1 Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired Functional operation under these conditions is not implied Note 2 Either voltage limit or current limit is sufficient to protect inputs Recommended Operating Conditions Free Air Ambient Temperature Military b 55 Cto a125 C Commercial 0 Cto a70 C Supply Voltage Military a 45V to a55V Commercial a 45V to a55V DC Electrical Characteristics Symbol Parameter 54F74F Units VCC Conditions Min Typ Max VIH Input HIGH Voltage 20 V Recognized as a HIGH Signal VIL Input LOW Voltage 08 V Recognized as a LOW Signal VCD Input Clamp Diode Voltage b 12 V Min IIN eb18 mA VOH Output HIGH 54F 10% VCC 25 IOH eb1mA Voltage 74F 10% VCC 25 V Min IOH eb1mA 74F 5% VCC 27 IOH eb1mA VOL Output LOW 54F 10% VCC 05 V Min IOL e 20 mA Voltage 74F 10% VCC 05 IOL e 20 mA IIH Input HIGH 54F 200 m A Max VIN e 27V Current 74F 50 IBVI Input HIGH Current 54F 100 m A Max VIN e 70V Breakdown Test 74F 70 ICEX Output HIGH 54F 250 m A Max VOUT e VCC (Fn G P Cna4) Leakage Current 74F 50 VID Input Leakage 74F 475 V 00 IID e 19 mA Test All Other Pins Grounded IOD Output Leakage 74F 375 m A 00 VIOD e 150 mV Circuit Current All Other Pins Grounded IIL Input LOW Current b 06 VIN e 05V (M) b 18 mA Max VIN e 05V (A0 A1 A3 B0 B1 B3) b 24 VIN e 05V (Sn A2 B2) b 30 VIN e 05V (Cn) IOS Output Short-Circuit Current b 60 b 150 mA Max VOUT e 0V (Fn G P Cna4) IOHC Open Collector Output 250 m A Min VO e VCC (A e B) OFF Leakage Test ICCH Power Supply Current 43 650 mA Max VO e HIGH ICCL Power Supply Current 43 650 mA Max VO e LOW 5 |