Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBP110FUDJ6F Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STBP110FUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110FUDJ6F Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STBP110FUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 35Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 36Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 37Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Tape and reel information
STBP110
34/40
Doc ID 018687 Rev 3
10
Tape and reel information
Figure 35.
Tape and reel
Table 7.
Carrier tape dimensions
Tape size
W
D
E
P0
P2
F
8
8.00 +0.30 / -0.10
1.50 +0.10 / -0.0
1.75 ± 0.1
4.00 ± 0.10
2.00 ± 0.10
3.50 ± 0.05
Table 8.
Further tape and reel information
Package code
W
A0B0K0P1
T
Bulk
qty.
Reel
diameter
2 x 2 mm TDFN 8-lead
8
2.30 ± 0.05 2.30 ± 0.05 1.00 ± 0.05 4.00 ± 0.10 0.250 ± 0.05
3000
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40