Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XIO2001IPNP Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Fiches technique(HTML) 4 Page - Texas Instruments

  XIO2001IPNP Datasheet HTML 1Page - Texas Instruments XIO2001IPNP Datasheet HTML 2Page - Texas Instruments XIO2001IPNP Datasheet HTML 3Page - Texas Instruments XIO2001IPNP Datasheet HTML 4Page - Texas Instruments XIO2001IPNP Datasheet HTML 5Page - Texas Instruments XIO2001IPNP Datasheet HTML 6Page - Texas Instruments XIO2001IPNP Datasheet HTML 7Page - Texas Instruments XIO2001IPNP Datasheet HTML 8Page - Texas Instruments XIO2001IPNP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 141 page
background image
4
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Revision History (continued)
REVISION
DATE
REVISION
NUMBER
REVISION COMMENTS
9/2014
I
Changed pin F10 From: VDD_15 To: VDD_15_PLL in the ZGU package
Changed pin F11 From: VDD_15 To: VDD_15_PLL in the ZAJ package
Changed pin 84 From: VDDA_15 To: VDD_15_PLL in the PNP package
Changed the pin name from VDD_15_PULL to VDD_15_PLL in the Pin Functions table.
Changed PCIR description in the Pin Functions table From: "Connect this terminals to the secondary PCI
bus..." To: "Connect each one of these terminals to the secondary PCI bus.."
Deleted text from the LOCK pin description in the Pin Functions table: "when bit 12 (LOCK_EN) is set in
the general control register (see General Control Register)."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More