Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAP16DPS05 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STAP16DPS05 Datasheet HTML 14Page - STMicroelectronics STAP16DPS05 Datasheet HTML 15Page - STMicroelectronics STAP16DPS05 Datasheet HTML 16Page - STMicroelectronics STAP16DPS05 Datasheet HTML 17Page - STMicroelectronics STAP16DPS05 Datasheet HTML 18Page - STMicroelectronics STAP16DPS05 Datasheet HTML 19Page - STMicroelectronics STAP16DPS05 Datasheet HTML 20Page - STMicroelectronics STAP16DPS05 Datasheet HTML 21Page - STMicroelectronics STAP16DPS05 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Detection mode functionality
STAP16DPS05
18/34
DocID024315 Rev 6
7
Detection mode functionality
7.1
Phase one: “entering in detection mode“
From the “normal mode” condition the device can switch to the “error mode” by a logic
sequence on the OE/DM2 and LE/DM1 pins as shown in the following table and diagram:
After these five CLK cycles the device goes into the “error detection mode” and at the 6th
rising edge of CLK the SDI data are ready for sampling.
Table 12. Entering in detection truth table
CLK
1°2°3°4°5°
OE/DM2
H
L
HHH
LE/DM1
LLL
H
L
Figure 14. Entering in detection timing diagram
AM13677V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34