Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPWF01SA Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics SPWF01SA Datasheet HTML 10Page - STMicroelectronics SPWF01SA Datasheet HTML 11Page - STMicroelectronics SPWF01SA Datasheet HTML 12Page - STMicroelectronics SPWF01SA Datasheet HTML 13Page - STMicroelectronics SPWF01SA Datasheet HTML 14Page - STMicroelectronics SPWF01SA Datasheet HTML 15Page - STMicroelectronics SPWF01SA Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
SPWF01SA, SPWF01SC
14/16
DocID025635 Rev 6
9
Ordering information
Note:
Refer to the user manual for a complete list of features and commands available in the Wi-Fi
full stack.
Table 8. Ordering information
Order codes
Description
SPWF01SA.11
Wi-Fi module with integrated antenna, 1.5 MB of Flash and Wi-Fi full stack
SPWF01SC.11
Wi-Fi module with integrated u.fl connector, 1.5 MB of Flash and Wi-Fi full stack
SPWF01SA.21
Wi-Fi module with integrated antenna, 512 kBytes of Flash and Wi-Fi full stack
SPWF01SC.21
Wi-Fi module with integrated u.fl connector 512 kBytes of Flash and Wi-Fi full stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16