Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1300SCMC Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce SMP1300SCMC
Description  Trisil for telecommunication equipment protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP1300SCMC Fiches technique(HTML) 5 Page - STMicroelectronics

  SMP1300SCMC Datasheet HTML 1Page - STMicroelectronics SMP1300SCMC Datasheet HTML 2Page - STMicroelectronics SMP1300SCMC Datasheet HTML 3Page - STMicroelectronics SMP1300SCMC Datasheet HTML 4Page - STMicroelectronics SMP1300SCMC Datasheet HTML 5Page - STMicroelectronics SMP1300SCMC Datasheet HTML 6Page - STMicroelectronics SMP1300SCMC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMP-0SCMC
Package information
Doc ID 022779 Rev 1
5/7
2
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 4.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.50
0.030
0.059
Figure 7.
Footprint dimensions
in mm (inches)
Figure 8.
Marking layout
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.23)
(0.064)
(0.086)
y w w
e
z
x x x
e: ECOPACK compliance
XX
X: Marking
XX
Z: Manufacturing location
Y: Year
WW: week
x x



Html Pages

1 2 3 4 5 6 7