Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP34DT02 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce MP34DT02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT02 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button MP34DT02 Datasheet HTML 5Page - STMicroelectronics MP34DT02 Datasheet HTML 6Page - STMicroelectronics MP34DT02 Datasheet HTML 7Page - STMicroelectronics MP34DT02 Datasheet HTML 8Page - STMicroelectronics MP34DT02 Datasheet HTML 9Page - STMicroelectronics MP34DT02 Datasheet HTML 10Page - STMicroelectronics MP34DT02 Datasheet HTML 11Page - STMicroelectronics MP34DT02 Datasheet HTML 12Page - STMicroelectronics MP34DT02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID026560 Rev 2
9/16
MP34DT02
Absolute maximum ratings
16
5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 6. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
-0.3 to Vdd +0.3
V
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
3 discharges at ± 8 kV direct contact to lid when unit
is grounded (IEC 61000-4-2) and 3 discharges at ±
2 kV direct contact to I/O pins. (MIL 883E, Method
3015.7)
± 8
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is ESD-sensitive, improper handling can cause permanent damage to the
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16