Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS25HBTR Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce LPS25HBTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HBTR Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button LPS25HBTR Datasheet HTML 29Page - STMicroelectronics LPS25HBTR Datasheet HTML 30Page - STMicroelectronics LPS25HBTR Datasheet HTML 31Page - STMicroelectronics LPS25HBTR Datasheet HTML 32Page - STMicroelectronics LPS25HBTR Datasheet HTML 33Page - STMicroelectronics LPS25HBTR Datasheet HTML 34Page - STMicroelectronics LPS25HBTR Datasheet HTML 35Page - STMicroelectronics LPS25HBTR Datasheet HTML 36Page - STMicroelectronics LPS25HBTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID027112 Rev 2
33/40
LPS25HB
Register description
40
8.12
STATUS_REG (27h)
Status register
This register is updated every ODR cycle, regardless of the BDU value in CTRL_REG1
(20h).
P_DA is set to 1 whenever a new pressure sample is available. P_DA is cleared when the
PRESS_OUT_H (2Ah) register is read.
T_DA is set to 1 whenever a new temperature sample is available. T_DA is cleared when
the TEMP_OUT_H (2Ch) register is read.
P_OR bit is set to '1' whenever new pressure data is available and P_DA was set in the
previous ODR cycle and not cleared. P_OR is cleared when the PRESS_OUT_H (2Ah)
register is read.
T_OR is set to ‘1’ whenever new temperature data is available and T_DA was set in the
previous ODR cycle and not cleared. T_OR is cleared when the TEMP_OUT_H (2Ch)
register is read.
8.13
PRESS_OUT_XL (28h)
Pressure output value (LSB)
The pressure output value is a 24-bit data that contains the measured pressure. It is
composed of PRESS_OUT_H (2Ah), PRESS_OUT_L (29h) and PRESS_OUT_XL (28h).
The value is expressed as 2’s complement.
76
54
32
1
0
RES
P_OR
T_OR
RES
P_DA
T_DA
P_OR
Pressure data overrun.
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous one)
T_OR
Temperature data overrun.
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous one)
P_DA
Pressure data available.
(0: new data for pressure is not yet available;
1: new data for pressure is available)
T_DA
Temperature data available.
(0: new data for temperature is not yet available;
1: new data for temperature is available)
76
54
32
1
0
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
POUT[7:0]
This register contains the low part of the pressure output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40