Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39050 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 17Page - STMicroelectronics LD39050 Datasheet HTML 18Page - STMicroelectronics LD39050 Datasheet HTML 19Page - STMicroelectronics LD39050 Datasheet HTML 20Page - STMicroelectronics LD39050 Datasheet HTML 21Page - STMicroelectronics LD39050 Datasheet HTML 22Page - STMicroelectronics LD39050 Datasheet HTML 23Page - STMicroelectronics LD39050 Datasheet HTML 24Page - STMicroelectronics LD39050 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID15470 Rev 3
21/28
LD39050
Package information
28
Table 7. DFN6 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.80
1
A1
0
0.02
0.05
A3
0.20
b0.23
0.45
D2.90
3
3.10
D2
2.23
2.50
E2.90
3
3.10
E2
1.50
1.75
e0.95
L
0.30
0.40
0.50
Figure 38. DFN6 (3x3 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28