Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JTS3702 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce JTS3702
Description  Micropower dual CMOS voltage comparator: unsawn wafer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JTS3702 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button JTS3702 Datasheet HTML 2Page - STMicroelectronics JTS3702 Datasheet HTML 3Page - STMicroelectronics JTS3702 Datasheet HTML 4Page - STMicroelectronics JTS3702 Datasheet HTML 5Page - STMicroelectronics JTS3702 Datasheet HTML 6Page - STMicroelectronics JTS3702 Datasheet HTML 7Page - STMicroelectronics JTS3702 Datasheet HTML 8Page - STMicroelectronics JTS3702 Datasheet HTML 9Page - STMicroelectronics JTS3702 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Packing description
JTS3702
8/10
DocID025632 Rev 1
4
Packing description
Collective packing is used as STMicroelectronics qualified system for shipment of finished
wafers.
The following parts of the collective packing are used in the clean room (see Figure 3 for
detailed view):
•
Canister (composed of a base and a cover, maximum content is 25 wafers)
•
Pink foam discs (lodged below and over the stack, minimum content is 2 discs)
•
White interleaves (separators between wafers, maximum content is 26 or more for best
fit)
•
CMB bag (to protect canister under moderate vacuum)
Figure 3. Canister composition overview
Figure 4. Packed canister picture



Html Pages

1 2 3 4 5 6 7 8 9 10