Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLC01-200B Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce FLC01-200B
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200B Fiches technique(HTML) 5 Page - STMicroelectronics

  FLC01-200B Datasheet HTML 1Page - STMicroelectronics FLC01-200B Datasheet HTML 2Page - STMicroelectronics FLC01-200B Datasheet HTML 3Page - STMicroelectronics FLC01-200B Datasheet HTML 4Page - STMicroelectronics FLC01-200B Datasheet HTML 5Page - STMicroelectronics FLC01-200B Datasheet HTML 6Page - STMicroelectronics FLC01-200B Datasheet HTML 7Page - STMicroelectronics FLC01-200B Datasheet HTML 8Page - STMicroelectronics FLC01-200B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID3616 Rev 7
5/11
FLC01
Characteristics
The next curve on the next page shows the behavior with RS = 15 k
Ω and C = 1 µF.
Figure 7. Voltage across the capacitance with Rs = Rs 15 k
Ω, C = 1 µF and VBO = 225 V
Peak current limit
This component is designed to withstand ITRM = 190 A for a pulse duration of 10 µs for an
ambient temperature of 120° C in repetitive surge. The curve of peak current versus the
pulse duration allows us to verify if the application is within the FLC operating limit.
Figure 8. Peak current limit versus pulse duration
Power losses (for 10 µs, see Figure 3)
To evaluate the power losses, please use the following equations:
–
For the thyristor: P = 1.18 x IT(AV) + 0.035 I
2
T(RMS)
–
For the diode: P = 0.67 x IF(AV) + 0.106 I
2
F(RMS)
5.0
7.5
10.0
12.5
15.0
50
100
150
200
250
tp (µs)
ITRM(A)
Tj max=120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11