Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF02-2HSMX6 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 12Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 13Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 14Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID025079 Rev 2
11/17
ECMF02-2HSMX6
Package information
17
3
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 25. µQFN-6L dimension definitions
Table 3. µQFN-6L dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.55
1.60
1.65
0.061
0.063
0.065
E
1.30
1.35
1.40
0.051
0.053
0.055
e
0.45
0.50
0.55
0.018
0.020
0.022
L1
0.35
0.45
0.55
0.014
0.018
0.022
L2
0.65
0.75
0.85
0.026
0.030
0.034
D
Index area
Top view
Side view
Bottom view
E
A
e
L2
L1
b
A1
PIN # 1 ID
1
6
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17