Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW18N60DM2 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STW18N60DM2
Description  Extremely high dv/dt ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW18N60DM2 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STW18N60DM2 Datasheet HTML 4Page - STMicroelectronics STW18N60DM2 Datasheet HTML 5Page - STMicroelectronics STW18N60DM2 Datasheet HTML 6Page - STMicroelectronics STW18N60DM2 Datasheet HTML 7Page - STMicroelectronics STW18N60DM2 Datasheet HTML 8Page - STMicroelectronics STW18N60DM2 Datasheet HTML 9Page - STMicroelectronics STW18N60DM2 Datasheet HTML 10Page - STMicroelectronics STW18N60DM2 Datasheet HTML 11Page - STMicroelectronics STW18N60DM2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STW18N60DM2
Package information
DocID027680 Rev 3
9/12
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
TO-247 package information
Figure 20: TO-247 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12