Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STS10P3LLH6 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STS10P3LLH6
Description  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10P3LLH6 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STS10P3LLH6 Datasheet HTML 4Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 5Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 6Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 7Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 8Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 9Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 10Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 11Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STS10P3LLH6
10/12
DocID025837 Rev 3
4.2
SO-8 packing information
Figure 18: SO-8 tape and reel outline
Table 9: SO-8 tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
330
C
12.8
13.2
D
20.2
N
60
T
22.4
Ao
8.1
8.5
Bo
5.5
5.9
Ko
2.1
2.3
Po
3.9
4.1
P
7.9
8.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12