Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STS7P4LLF6 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STS7P4LLF6
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7P4LLF6 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STS7P4LLF6 Datasheet HTML 5Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 6Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 7Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 8Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 9Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 10Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 11Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 12Page - STMicroelectronics STS7P4LLF6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STS7P4LLF6
Package information
DocID025619 Rev 2
9/13
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
SO-8 package information
Figure 16: SO-8 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13