Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746ZE Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce STM32F746ZE
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746ZE Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button STM32F746ZE Datasheet HTML 78Page - STMicroelectronics STM32F746ZE Datasheet HTML 79Page - STMicroelectronics STM32F746ZE Datasheet HTML 80Page - STMicroelectronics STM32F746ZE Datasheet HTML 81Page - STMicroelectronics STM32F746ZE Datasheet HTML 82Page - STMicroelectronics STM32F746ZE Datasheet HTML 83Page - STMicroelectronics STM32F746ZE Datasheet HTML 84Page - STMicroelectronics STM32F746ZE Datasheet HTML 85Page - STMicroelectronics STM32F746ZE Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 227 page
background image
Port E
PE14
-
TIM1_C
H4
--
-
SPI4_M
OSI
-
---
SAI2_MC
K_B
-
FMC_D1
1
-
LCD_CL
K
EVEN
TOUT
PE15
-
TIM1_B
KIN
-
-
-
-
-
---
-
-
FMC_D1
2
-
LCD_R7
EVEN
TOUT
Port F
PF0
-
-
-
-
I2C2_SD
A
--
-
-
-
-
-
FMC_A0
--
EVEN
TOUT
PF1
-
-
-
-
I2C2_SC
L
--
-
-
-
-
-
FMC_A1
--
EVEN
TOUT
PF2
-
-
-
-
I2C2_SM
BA
--
-
-
-
-
-
FMC_A2
--
EVEN
TOUT
PF3
-
--
-
-
--
-
-
-
-
-
FMC_A3
--
EVEN
TOUT
PF4
-
--
-
-
--
-
-
-
-
-
FMC_A4
--
EVEN
TOUT
PF5
-
--
-
-
--
-
-
-
-
-
FMC_A5
--
EVEN
TOUT
PF6
-
-
-
TIM10_C
H1
-
SPI5_NS
S
SAI1_SD
_B
-
UART7_
Rx
QUADSP
I_BK1_IO
3
-
-
---
EVEN
TOUT
PF7
-
-
-
TIM11_CH
1
-
SPI5_SC
K
SAI1_M
CLK_B
-
UART7_T
x
QUADSP
I_BK1_IO
2
-
-
---
EVEN
TOUT
PF8
-
-
-
-
-
SPI5_MI
SO
SAI1_SC
K_B
-
UART7_
RTS
TIM13_C
H1
QUADSPI
_BK1_IO0
-
---
EVEN
TOUT
PF9
-
-
-
-
-
SPI5_M
OSI
SAI1_FS
_B
-
UART7_
CTS
TIM14_C
H1
QUADSPI
_BK1_IO1
-
---
EVEN
TOUT
PF10
-
-
-
-
-
-
-
---
-
-
-
DCMI_D
11
LCD_DE
EVEN
TOUT
PF11
-
-
-
-
-
SPI5_M
OSI
-
---
SAI2_SD_
B
-
FMC_SD
NRAS
DCMI_D
12
-
EVEN
TOUT
PF12
-
-
-
-
-
-
-
---
-
-
FMC_A6
-
-
EVEN
TOUT
Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More