Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746VG Fiches technique(PDF) 214 Page - STMicroelectronics

No de pièce STM32F746VG
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VG Fiches technique(HTML) 214 Page - STMicroelectronics

Back Button STM32F746VG Datasheet HTML 210Page - STMicroelectronics STM32F746VG Datasheet HTML 211Page - STMicroelectronics STM32F746VG Datasheet HTML 212Page - STMicroelectronics STM32F746VG Datasheet HTML 213Page - STMicroelectronics STM32F746VG Datasheet HTML 214Page - STMicroelectronics STM32F746VG Datasheet HTML 215Page - STMicroelectronics STM32F746VG Datasheet HTML 216Page - STMicroelectronics STM32F746VG Datasheet HTML 217Page - STMicroelectronics STM32F746VG Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 227 page
background image
Package information
STM32F745xx STM32F746xx
214/227
DocID027590 Rev 4
Figure 95. LQFP208, 28 x 28 mm, 208-pin low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More